Part Number Hot Search : 
ER1602 2SD880 P6KE27 APT30 LM317 18602657 00105 6041556
Product Description
Full Text Search
 

To Download MASW-008177-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
SPST High Isolation CATV Switch 5 - 1000 MHz
Features
* * * * * * * * * * * 75 Ohm Impedance Positive Voltage Control (0 / +5 V) Input Terminated (Off State) Low Insertion Loss: 0.62 dB at 870 MHz High Isolation: 54 dB at 870 MHz 0.5 micron GaAs PHEMT Process Lead-Free 3 mm 12-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of MASWSS0067
MASW-008177 V1
Functional Schematic
Description
M/A-COM's MASW-008177 is a GaAs PHEMT MMIC single pole single throw (SPST) switch in a low cost 3 mm 12-lead PQFN package. The MASW-008177 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are to replace mechanical relays in CATV systems. This part can be used in all 75 ohm systems operating up to 1.0 GHz. The MASW-008177 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 2
Pin No. 1 2 3 4 Pin Name GND RF1 G1 V1 N/C V2 GND RF2 GND N/C N/C GT1 Description Ground RF In RF Ground Control 1 No Connection Control 2 Ground RF Out Ground No Connection No Connection RF Ground
Ordering Information 1
Part Number
MASW-008177-000000 MASW-008177-TR1000 MASW-008177-TR3000 MASW-008177-001SMB
5 6 Package
Bulk Packaging 1000 piece reel 3000 piece reel
7 8 9 10 11
5-1000 MHz Configuration, Sample Board
12
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be connected to both RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPST High Isolation CATV Switch 5 - 1000 MHz
Electrical Specifications: TA = 25C, VC = 0V / 5V, Z0 = 75 3
Parameter
Insertion Loss Isolation Return Loss (On)
MASW-008177 V1
Test Conditions
5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz 5 - 50 MHz 50 - 1000 MHz Two Tone, +10 dBm / tone, 6 MHz Spacing, > 50 MHz 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF In Band |Vc| = 5V
Units
dB dB dB dB dB dB dB dB dBm nS nS mV A
Min.
-- -- -- 50 -- -- -- -- -- -- -- -- --
Typ.
0.45 0.65 70 53 30 16 30 18 52 20 40 30 10
Max.
-- 0.9 -- -- -- -- -- -- -- -- -- -- 25
Return Loss (Off) (RF1 only) IP3 Trise, Tfall Ton, Toff Transients Control Current
3. External DC blocking capacitors are required on all RF ports.
4,5 Absolute Maximum Ratings 4
6 Truth Table 5
Parameter
Input Power (5 - 1000 MHz, 2.5V Control) Operating Voltage Operating Temperature Storage Temperature
Absolute Maximum
+32 dBm +8.5 volts -40 oC to +85 oC -65 oC to +150 oC
V1
1 0
V2 0 1
RF1--RF2 On Off
6. 0 = 0 V +/- 0.2 V; 1 = +2.5 V to +5.0 V.
4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPST High Isolation CATV Switch 5 - 1000 MHz
Typical Performance Curves
Insertion Loss vs. Frequency over Temperature
1.0
MASW-008177 V1
S11 (Switch On) vs. Frequency over Temperature
0 -5
0.8
-10
0.6
+25C -40C +85C
-15 -20
+25C -40C +85C
0.4
-25 -30
0.2
0.0 0 250 500 750 1000 1250
-35 0 250 500 750 1000 1250
Frequency (MHz)
Frequency (MHz)
Isolation vs. Frequency over Temperature
70
S11 (Switch Off) vs. Frequency over Temperature
0 -5 -10
+25C -40C +85C
65
60
-15
55
-20
50
+25C -40C +85C
-25 -30 -35
45
40 0 250 500 750 1000 1250
0
250
500
750
1000
1250
Frequency (MHz)
Frequency (MHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPST High Isolation CATV Switch 5 - 1000 MHz
Application Schematic
MASW-008177 V1
Qualification
Qualified to M/A-COM Specification Rel 201, Process Flow -2.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium arsenide integrated circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Use proper ESD control precautions when handling these devices.
C1 - C4 = 0.01 uF, DC Blocking Capacitors C5, C6 = 0.01 uF, Logic Control Decoupling Capacitors
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-008177-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X